| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 256 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 256 Page - Renesas Technology Corp |
|
256 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 228 of 1270 REJ09B0466-0100 6.7.10 Byte Access Control When DRAM with a ×16-bit configuration is connected, the 2-CAS access method is used for the control signals needed for byte access. Figure 6.40 shows the control timing for 2-CAS access, and figure 6.41 shows an example of 2-CAS DRAM connection. Tp RASn (CSn) UCAS LCAS WE (HWR) OE (RD) Upper data bus Lower data bus Address bus φ Tr Tc1 Tc2 Note: n = 2 to 5 Row address Column address Write data High High High-Z Figure 6.40 2-CAS Control Timing (Upper Byte Write Access: RAST = 0, CAST = 0) |