| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 248 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 248 Page - Renesas Technology Corp |
|
248 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 220 of 1270 REJ09B0466-0100 When DRAM space is accessed, the RD signal is output as the OE signal for DRAM. When connecting DRAM provided with an EDO page mode, the OE signal should be connected to the ( OE) pin of the DRAM. Setting the OEE bit to 1 in DRAMCR enables the OE signal for DRAM space to be output from a dedicated OE pin. In this case, the OE signal for DRAM space is output from both the RD pin and the (OE) pin, but in external read cycles for other than DRAM space, the signal is output only from the RD pin. |