| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 233 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 233 Page - Renesas Technology Corp |
|
233 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 205 of 1270 REJ09B0466-0100 (2) 8-Bit, 3-State Data Access Space Figure 6.22 shows the bus timing for an 8-bit, 3-state data access space. When an 8-bit access space is accessed, the upper halves (D15 to D8) of both the address bus and data bus are used. Wait states can be inserted in the data cycle. CSn AH RD HWR LWR D15 to D8 D15 to D8 Tma1 Tma2 T1 T2 T3 Address cycle Data cycle φ Address bus Write Read Address Address Read data Write data Notes: 1. n = 6, 7 2. When RDNn = 0 Figure 6.22 Bus Timing for 8-Bit, 3-State Data Access Space |