| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 150 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 150 Page - Renesas Technology Corp |
|
150 / 1302 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 122 of 1270 REJ09B0466-0100 5.3.7 Software Standby Release IRQ Enable Register (SSIER) SSIER selects the IRQ pins used to recover from the software standby state. Bit Bit Name Initial Value R/W Description 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 SSI15* SSI14* SSI13* SSI12* SSI11* SSI10* SSI9* SSI8* SSI7 SSI6 SSI5 SSI4 SSI3 SSI2 SSI1 SSI0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Software Standby Release IRQ Setting These bits select the IRQn pins used to recover from the software standby state. 0: IRQn requests are not sampled in the software standby state (Initial value when n = 15 to 3) 1: When an IRQn request occurs in the software standby state, the chip recovers from the software standby state after the elapse of the oscillation settling time (Initial value when n = 2 to 0) Note: * These bits are reserved in the H8S/2424 Group. |