| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 140 Page - Renesas Technology Corp |
|
140 / 1302 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 112 of 1270 REJ09B0466-0100 5.3.4 IRQ Sense Control Registers H and L (ISCRH, ISCRL) ISCR select the source that generates an interrupt request at pins IRQ15 to IRQ0. • ISCRH (H8S/2426 Group only) Bit Bit Name Initial Value R/W Description 15 14 IRQ15SCB IRQ15SCA 0 0 R/W R/W IRQ15 Sense Control B IRQ15 Sense Control A 00: Interrupt request generated at IRQ15 input low level 01: Interrupt request generated at falling edge of IRQ15 input 10: Interrupt request generated at rising edge of IRQ15 input 11: Interrupt request generated at both falling and rising edges of IRQ15 input 13 12 IRQ14SCB IRQ14SCA 0 0 R/W R/W IRQ14 Sense Control B IRQ14 Sense Control A 00: Interrupt request generated at IRQ14 input low level 01: Interrupt request generated at falling edge of IRQ14 input 10: Interrupt request generated at rising edge of IRQ14 input 11: Interrupt request generated at both falling and rising edges of IRQ14 input 11 10 IRQ13SCB IRQ13SCA 0 0 R/W R/W IRQ13 Sense Control B IRQ13 Sense Control A 00: Interrupt request generated at IRQ13 input low level 01: Interrupt request generated at falling edge of IRQ13 input 10: Interrupt request generated at rising edge of IRQ13 input 11: Interrupt request generated at both falling and rising edges of IRQ13 input |