công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2424 bảng dữ liệu(PDF) 1271 Page - Renesas Technology Corp

tên linh kiện H8S/2424
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 bảng dữ liệu(HTML) 1271 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1267Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1268Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1269Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1270Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1271Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1272Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1273Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1274Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1271 / 1302 page
background image
Appendix
Rev. 1.00 Sep. 19, 2008 Page 1243 of 1270
REJ09B0466-0100
Appendix
A.
Port States in Each Processing State
Table A.1
Port States in Each Processing State (H8S/2426R Group and H8S/2426 Group)
Port Name
Pin Name
MCU
Operating
Mode
Reset
Hardware
Standby
Mode
Software Standby
Mode
Bus Release
State
Program
Execution State
Sleep Mode
Port 1
1, 2, 4, 7
T
T
Keep
Keep
I/O port
P27 to P26
1, 2, 4, 7
T
T
Keep
Keep
I/O port
P25/
WAIT
1, 2, 4, 7
T
T
[
WAIT-B input]
T
[Other than the
above]
Keep
[
WAIT-B input]
T
[Other than the
above]
Keep
[
WAIT-B input]
WAIT-B
[Other than the
above]
I/O port
P24 to P20
1, 2, 4, 7
T
T
Keep
Keep
I/O port
P34 to P30
1, 2, 4, 7
T
T
Keep
Keep
I/O port
P35/
OE-B/
CKE-B
*1
1, 2, 4, 7
T
T
[
OE-B, CKE-B
output, OPE = 0]
T
[
OE-B output, OPE
= 1]
H
[CKE-B output, OPE
= 1]
L
[Other than the
above]
Keep
[
OE-B, CKE-B
output, OPE = 0]
T
[Other than the
above]
Keep
[
OE-B, CKE-B
output, OPE = 0]
OE-B, CKE-B
[Other than the
above]
I/O port
Port 4
1, 2, 4, 7
T
T
T
T
Input port
P53
1, 2, 4, 7
T
T
Keep
Keep
I/O port
P52/
BACK-B
1, 2, 4, 7
T
T
[
BACK-B output]
BACK-B
[Other than the
above]
Keep
[
BACK-B output]
BACK-B
[Other than the
above]
Keep
[
BACK-B output]
BACK-B
[Other than the
above]
I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com