công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2424 bảng dữ liệu(PDF) 1149 Page - Renesas Technology Corp

tên linh kiện H8S/2424
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 bảng dữ liệu(HTML) 1149 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1149 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1121 of 1270
REJ09B0466-0100
24.5.6
Notes on Clock Division Mode
The following points should be noted in clock division mode.
• Select the clock division ratio by the STC1 and STC0 bits so that the frequency of φ is within
the operation guaranteed range of clock cycle time tcyc shown in the Electrical Characteristics.
In other words, the frequency of
φ must be 8 MHz or higher; be careful not so specify φ < 8
MHz.
• All the on-chip peripheral modules operate on the φ. Therefore, note that the time processing
of modules such as a timer and SCI differ before and after changing the clock division ratio. In
addition, the wait time for clearing software standby mode differs by changing the clock
division ratio.
• Note that the frequency of φ will be changed by changing the clock division ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More