| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 1108 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 1108 Page - Renesas Technology Corp |
|
1108 / 1302 page ![]() Section 21 Flash Memory Rev. 1.00 Sep. 19, 2008 Page 1080 of 1270 REJ09B0466-0100 When the new bit rate is selectable, the rate will be set in the register after sending ACK in response. The host will send an ACK with the new bit rate for confirmation and the boot program will response with that rate. Confirmation H'06 • Confirmation, H'06, (one byte): Confirmation of a new bit rate Response H'06 • Response, H'06, (one byte): Response to confirmation of a new bit rate The sequence of new bit-rate selection is shown in figure 21.11. Host Boot program Setting a new bit rate H'06 (ACK) Waiting for one-bit period at the specified bit rate H'06 (ACK) with the new bit rate H'06 (ACK) with the new bit rate Setting a new bit rate Setting a new bit rate Figure 21.11 New Bit-Rate Selection Sequence |