| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 1009 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 1009 Page - Renesas Technology Corp |
|
1009 / 1302 page ![]() Section 17 A/D Converter Rev. 1.00 Sep. 19, 2008 Page 981 of 1270 REJ09B0466-0100 ADTRG0 ADST A/D conversion P φ Internal trigger signal Figure 17.8 External Trigger Input Timing when Multiple Units Start Simultaneously (TRSG1, TRGS0, and EXTRGS = B'111) 17.5 Interrupt Source The A/D converter generates an A/D conversion end interrupt (ADI) at the end of A/D conversion. Setting the ADIE bit to 1 when the ADF bit in ADCSR is set to 1 after A/D conversion is completed enables ADI interrupt requests. The data transfer controller (DTC)* and DMA controller (DMAC) can be activated by an ADI interrupt. Having the converted data read by the DTC* or DMAC in response to an ADI interrupt enables continuous conversion to be achieved without imposing a load on software. Note: * Only possible in unit 0. Table 17.8 A/D Converter Interrupt Source Name Interrupt Source Interrupt Flag DTC Activation DMAC Activation ADI0 A/D conversion end ADF Possible* Possible Note: * Only possible in unit 0. |