| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 1001 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 1001 Page - Renesas Technology Corp |
|
1001 / 1302 page ![]() Section 17 A/D Converter Rev. 1.00 Sep. 19, 2008 Page 973 of 1270 REJ09B0466-0100 ADIE ADST ADF ADDRA ADDRB ADDRC ADDRD Channel 0 (AN0) operation state Channel 1 (AN1) operation state Channel 2 (AN2) operation state Channel 3 (AN3) operation state Set* Set* Set* A/D conversion start Clear* Clear* Waiting for conversion Waiting for conversion Waiting for conversion Waiting for conversion Waiting for conversion Reading A/D conversion result Reading A/D conversion result A/D conversion 1 A/D conversion 2 A/D conversion result 1 A/D conversion result 2 Waiting for conversion Note: * ↓ indicates the timing of instruction execution by software. Figure 17.3 Example of A/D Converter Operation (Single Mode, Channel 1 Selected) |