công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2424 bảng dữ liệu(PDF) 933 Page - Renesas Technology Corp

tên linh kiện H8S/2424
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 bảng dữ liệu(HTML) 933 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 929Page - Renesas Technology Corp H8S/2424 Datasheet HTML 930Page - Renesas Technology Corp H8S/2424 Datasheet HTML 931Page - Renesas Technology Corp H8S/2424 Datasheet HTML 932Page - Renesas Technology Corp H8S/2424 Datasheet HTML 933Page - Renesas Technology Corp H8S/2424 Datasheet HTML 934Page - Renesas Technology Corp H8S/2424 Datasheet HTML 935Page - Renesas Technology Corp H8S/2424 Datasheet HTML 936Page - Renesas Technology Corp H8S/2424 Datasheet HTML 937Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 905 of 1270
REJ09B0466-0100
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
Transfer
frame n+1
Retransferred frame
nth transfer frame
RDRF
[1]
PER
[2]
[3]
[4]
Figure 15.29 Retransfer Operation in SCI Receive Mode
Initialization
Read RDR and clear
RDRF flag in SSR to 0
Clear RE bit to 0
Start reception
Start
Error processing
No
No
No
Yes
Yes
ORER = 0 and
PER = 0
RDRF = 1?
All data received?
Yes
Figure 15.30 Example of Reception Processing Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More