| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 905 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 905 Page - Renesas Technology Corp |
|
905 / 1302 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 1.00 Sep. 19, 2008 Page 877 of 1270 REJ09B0466-0100 Table 15.11 shows the states of the SSR status flags and receive data handling when a receive error is detected. If a receive error is detected, the RDRF flag retains its state before receiving data. Reception cannot be resumed while a receive error flag is set to 1. Accordingly, clear the ORER, FER, PER, and RDRF bits to 0 before resuming reception. Figure 15.9 shows a sample flowchart for serial data reception. Table 15.11 SSR Status Flags and Receive Data Handling SSR Status Flag RDRF* ORER FER PER Receive Data Receive Error Type 1 1 0 0 Lost Overrun error 0 0 1 0 Transferred to RDR Framing error 0 0 0 1 Transferred to RDR Parity error 1 1 1 0 Lost Overrun error + framing error 1 1 0 1 Lost Overrun error + parity error 0 0 1 1 Transferred to RDR Framing error + parity error 1 1 1 1 Lost Overrun error + framing error + parity error Note: * The RDRF flag retains its state before data reception. |