| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 875 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 875 Page - Renesas Technology Corp |
|
875 / 1302 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 1.00 Sep. 19, 2008 Page 847 of 1270 REJ09B0466-0100 Bit Bit Name Initial Value R/W Description 1 0 CKE1 CKE0 0 0 R/W R/W Clock Enable 1 and 0 Selects the clock source and SCK pin function. Asynchronous mode 00: On-chip baud rate generator SCK pin functions as I/O port 01: On-chip baud rate generator (Outputs a clock of the same frequency as the bit rate from the SCK pin.) 1 ×: External clock (Inputs a clock with a frequency 16 times the bit rate from the SCK pin.) Clocked synchronous mode 0 ×: Internal clock (SCK pin functions as clock output) 1 ×: External clock (SCK pin functions as clock input) Legend: ×: Don’t care |