| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 821 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 821 Page - Renesas Technology Corp |
|
821 / 1302 page ![]() Section 12 Programmable Pulse Generator (PPG) Rev. 1.00 Sep. 19, 2008 Page 793 of 1270 REJ09B0466-0100 12.4.7 Inverted Pulse Output If the G3INV, G2INV, G1INV, and G0INV bits in PMR are cleared to 0, values that are the inverse of the PODR contents can be output. Figure 12.10 shows the outputs when G3INV and G2INV are cleared to 0, in addition to the settings of figure 12.9. TCNT value TCNT TGRB TGRA H'0000 NDRH 95 65 59 56 95 65 00 95 05 65 41 59 50 56 14 95 05 65 PODRL PO15 PO14 PO13 PO12 PO11 PO10 PO9 PO8 Time Figure 12.10 Inverted Pulse Output (Example) |