| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 794 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 794 Page - Renesas Technology Corp |
|
794 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 766 of 1270 REJ09B0466-0100 11.10.7 Contention between Buffer Register Write and Compare Match If a compare match occurs in the T 2 state of a TGR write cycle, the data transferred to TGR by the buffer operation will be the data prior to the write. Figure 11.49 shows the timing in this case. Compare match signal Write signal Address φ Buffer register address Buffer register TGR write cycle T 1 T 2 N TGR NM Buffer register write data Figure 11.49 Contention between Buffer Register Write and Compare Match |