| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 768 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 768 Page - Renesas Technology Corp |
|
768 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 740 of 1270 REJ09B0466-0100 (2) Examples of PWM Mode Operation Figure 11.22 shows an example of PWM mode 1 operation. In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the TGRA initial output value and output value, and 1 is set as the TGRB output value. In this case, the value set in TGRA is used as the cycle, and the values set in TGRB registers as the duty cycle. TCNT value TGRA H'0000 TIOCA Time TGRB Counter cleared by TGRA compare match Figure 11.22 Example of PWM Mode Operation (1) |