công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2424 bảng dữ liệu(PDF) 749 Page - Renesas Technology Corp

tên linh kiện H8S/2424
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 bảng dữ liệu(HTML) 749 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 745Page - Renesas Technology Corp H8S/2424 Datasheet HTML 746Page - Renesas Technology Corp H8S/2424 Datasheet HTML 747Page - Renesas Technology Corp H8S/2424 Datasheet HTML 748Page - Renesas Technology Corp H8S/2424 Datasheet HTML 749Page - Renesas Technology Corp H8S/2424 Datasheet HTML 750Page - Renesas Technology Corp H8S/2424 Datasheet HTML 751Page - Renesas Technology Corp H8S/2424 Datasheet HTML 752Page - Renesas Technology Corp H8S/2424 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 721 of 1270
REJ09B0466-0100
11.4
Operation
11.4.1
Basic Functions
Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of
free-running operation, periodic counting, and external event counting.
Each TGR can be used as an input capture register or output compare register.
(1)
Counter Operation
When one of bits CST0 to CST5 is set to 1 in TSTR, the TCNT counter for the corresponding
channel starts counting. TCNT can operate as a free-running counter, periodic counter, and so on.
(a)
Example of count operation setting procedure
Figure 11.3 shows an example of the count operation setting procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More