| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 661 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 661 Page - Renesas Technology Corp |
|
661 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 633 of 1270 REJ09B0466-0100 10.14 Port F Port F is an 8-bit I/O port that also has other functions. Port F has the following registers. For the port function control registers, refer to section 10.18, Port Function Control Registers. • Port F data direction register (PFDDR) • Port F data register (PFDR) • Port F register (PORTF) • Port function control register 0 (PFCR0) • Port function control register 2 (PFCR2) • Port function control register 4 (PFCR4) • Port function control register 5 (PFCR5) • Port F open drain control register (PFODR) |