| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 625 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 625 Page - Renesas Technology Corp |
|
625 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 597 of 1270 REJ09B0466-0100 SCS pin settings SSUMS 0 1 MSS 0 1 × CSS1 × 0 1 × CSS0 × 0 1 0 1 × Pin state Input Input Automatic I/O Output Legend: ×: Don’t care : Pin is not used by the SSU (can be used as I/O port) • PA3/A19/SCK4-B The pin function is switched as shown below according to the combination of the operating mode, bit EXPE, bit C/ A in SMR_4 and bits CKE0 and CKE1 in SCR_4 of the SCI, bit A19E in PFCR1, bit SCK4S in PFCR4, and bit PA3DDR. Operating mode 1, 2 4 EXPE A19E 0 1 CKE1 0 1 C/ A 0 1 CKE0 0 1 PA3DDR 0 1 0 1 Pin function A19 output PA3 input PA3 output SCK4-B output* SCK4-B output* SCK4-B input* PA3 input A19 output |