| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 599 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 599 Page - Renesas Technology Corp |
|
599 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 571 of 1270 REJ09B0466-0100 • P60/IRQ8-A/DREQ0/TMRI0-A The pin function is switched as shown below according to the combination of bit TMRS in PFCR3, bit P60DDR, and bit ITS8 in ITSR of the interrupt controller. P60DDR 0 1 P60 input P60 output TMRI0-A input* 1*3. DREQ0 input Pin function IRQ8-A interrupt input*2 Notes: 1. When used as the counter reset input pin for the TMR, both the CCLR1 and CCLR0 bits in TCR_0 should be set to 1. 2. IRQ8-A input when the ITS8 bit in ITSR is 0. 3. TMRI0-A input when the TMRS bit in PFCR3 is 0. |