| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 1137 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 1137 Page - Renesas Technology Corp |
|
1137 / 1302 page ![]() Section 24 Power-Down Modes Rev. 1.00 Sep. 19, 2008 Page 1109 of 1270 REJ09B0466-0100 • EXMSTPCRL Bit Bit Name Initial Value R/W Module 7 MSTP23 1 R/W Synchronous serial communication unit (SSU) 6 MSTP22 1 R/W I 2C bus interface 2_3 (IIC2_3) 5 MSTP21 1 R/W I 2C bus interface 2_2 (IIC2_2) 4 MSTP20 1 R/W I 2C bus interface 2_1 (IIC2_1) 3 MSTP19 1 R/W I 2C bus interface 2_0 (IIC2_0) 2 MSTP18 1 R/W Reserved This bit can be read or written to. The write value should always be 1. 1 MSTP17 1 R/W Reserved This bit can be read or written to. The write value should always be 1. 0 MSTP16 1 R/W 24.1.4 RAM Module Stop Control Registers H and L (RMMSTPCRH, RMMSTPCRL) Setting bits MSTP32 to MSTP39 to 1 stops the corresponding on-chip RAM area. During access to an on-chip RAM area, do not set bits MSTP32 to MSTP39 corresponding to the area to 1. While bit RAME in SYSCR is 1, and bits MSTP32 to MSTP39 are 1, do not access the corresponding RAM area. • RMMSTPCRH Bit Bit Name Initial Value R/W Module 15 MSTP47 0 R/W 14 MSTP46 0 R/W 13 MSTP45 0 R/W 12 MSTP44 0 R/W 11 MSTP43 0 R/W 10 MSTP42 0 R/W 9 MSTP41 0 R/W 8 MSTP40 0 R/W |