công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2426 bảng dữ liệu(PDF) 1134 Page - Renesas Technology Corp

tên linh kiện H8S/2426
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 bảng dữ liệu(HTML) 1134 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1133Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1134Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1135Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1136Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1137Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1134 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1106 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
5
0
Reserved
This bit is always read as 0. The initial value
should not be changed.
4
0
Reserved
This bit is always read as 0. The write value
should always be 0.
3
2
1
0
STS3
STS2
STS1
STS0
1
1
1
1
R/W
R/W
R/W
R/W
Standby Timer Select 3 to 0
These bits select the time the MCU waits for the
clock to stabilize when software standby mode is
cleared by an external interrupt. With crystal
oscillation, see table 24.2 and make a selection
according to the operating frequency so that the
standby time is at least the oscillation stabilization
time. With an external clock, a PLL circuit
stabilization time is necessary. See table 24.2 to
set the standby time. When DRAM is used and
self-refreshing in the software standby state is
selected, note that the DRAM’s tRAS (self-refresh
RAS pulse width) specification must be satisfied.
0000: Setting prohibited
0001: Setting prohibited
0010: Setting prohibited
0011: Setting prohibited
0100: Setting prohibited
0101: Standby time = 64 states
0110: Standby time = 512 states
0111: Standby time = 1024 states
1000: Standby time = 2048 states
1001: Standby time = 4096 states
1010: Standby time = 16384 states
1011: Standby time = 32768 states
1100: Standby time = 65536 states
1101: Standby time = 131072 states
1110: Standby time = 262144 states
1111: Standby time = 524288 states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com