| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 1076 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 1076 Page - Renesas Technology Corp |
|
1076 / 1302 page ![]() Section 21 Flash Memory Rev. 1.00 Sep. 19, 2008 Page 1048 of 1270 REJ09B0466-0100 21.3 On-Board Programming Mode When the mode pins (MD0, MD1, and MD2) are set to on-board programming mode and the reset start is executed, a transition is made to on-board programming mode in which the on-chip flash memory can be programmed/erased. On-board programming mode has two operating modes: SCI boot mode by P27 and P26 settings, and user program mode. Table 21.3 shows the pin setting for each operating mode. Table 21.3 On-Board Programming Mode Setting Mode Setting EMLE MD2 MD1 MD0 P27 P26 SCI boot mode 0 0 1 1 0 0 User programming mode Mode 4, Mode 7 |