| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 1074 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 1074 Page - Renesas Technology Corp |
|
1074 / 1302 page ![]() Section 21 Flash Memory Rev. 1.00 Sep. 19, 2008 Page 1046 of 1270 REJ09B0466-0100 21.2.2 Flash Memory Data Block Protect Register (DFPR) Bit Bit Name Initial Value R/W Description 7 0 Reserved The initial value should not be changed. 6 0 Reserved The initial value should not be changed. 5 0 Reserved The initial value should not be changed. 4 0 Reserved The initial value should not be changed. 3 0 Reserved The initial value should not be changed. 2 0 Reserved The initial value should not be changed. 1 0 Reserved The initial value should not be changed. 0 FMDBPT0 0 R/W Data Flash E/W Protect* 0: Data flash E/W enabled 1: Data flash E/W disabled To set this bit to 1, be sure to write 0 and then write 1 in a row. Note: * To set the FMDBPT0 bit to 1, set the FMCMDEN bit to 1. |