công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 949 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 949 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 945Page - Renesas Technology Corp H8S/2472 Datasheet HTML 946Page - Renesas Technology Corp H8S/2472 Datasheet HTML 947Page - Renesas Technology Corp H8S/2472 Datasheet HTML 948Page - Renesas Technology Corp H8S/2472 Datasheet HTML 949Page - Renesas Technology Corp H8S/2472 Datasheet HTML 950Page - Renesas Technology Corp H8S/2472 Datasheet HTML 951Page - Renesas Technology Corp H8S/2472 Datasheet HTML 952Page - Renesas Technology Corp H8S/2472 Datasheet HTML 953Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 901 of 1198
REJ09B0403-0200
ADIE
ADST
ADF
Set*
Set*
Set*
A/D conversion
starts
Clear*
Clear*
State of channel 0
(AN0)
State of channel 1
(AN1)
State of channel 2
(AN2)
State of channel 3
(AN3)
Idle
Idle
Idle
Idle
Idle
Idle
A/D conversion 1
A/D conversion 2
Read the result of conversion
Result of A/D conversion 1
Result of A/D conversion 2
Read the result of conversion
Note : *
indicates execution of a software instruction.
ADDRA
ADDRB
ADDRC
ADDRD
Figure 23.2 Example of A/D Converter Operation
(When Channel 1 is Selected in Single Mode)
23.4.2
Scan Mode
In scan mode, A/D conversion is performed sequentially on the specified channels (four channels
or eight channel maximum). Operations are as follows.
1. When the ADST bit in ADCSR is set to 1 by software or by the input of trigger signal, A/D
conversion starts from the first channel of the selected channel. Consecutive A/D conversion of
either four channels maximum (SCANE and SCANS = B'10) or eight channels maximum
(SCANE and SCANS = B'11) can be selected. In the case of consecutive A/D conversion on
four channels, the operation starts from AN0 when CH2 = B'0, and starts from AN4 when CH2
= B'1. In the case of consecutive A/D conversion on eight channels, the operation starts from
AN0.
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
3. When conversion of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested after A/D conversion ends.
Conversion of the first channel in the group starts again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com