công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 947 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 947 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 943Page - Renesas Technology Corp H8S/2472 Datasheet HTML 944Page - Renesas Technology Corp H8S/2472 Datasheet HTML 945Page - Renesas Technology Corp H8S/2472 Datasheet HTML 946Page - Renesas Technology Corp H8S/2472 Datasheet HTML 947Page - Renesas Technology Corp H8S/2472 Datasheet HTML 948Page - Renesas Technology Corp H8S/2472 Datasheet HTML 949Page - Renesas Technology Corp H8S/2472 Datasheet HTML 950Page - Renesas Technology Corp H8S/2472 Datasheet HTML 951Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 899 of 1198
REJ09B0403-0200
23.3.3
A/D Control Register (ADCR)
The ADCR sets the operation mode of A/D converter and the conversion time.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
TRGS1
TRGS0
EXTRGS
0
0
0
R/W
R/W
R/W
Timer Trigger Select 1 and 0, Extended Trigger Select
Enable starting of A/D conversion by a trigger signal.
00 0: Disables starting by trigger signals.
10 0: Enables starting by a trigger from TMR_0.
10 1: Enables starting by the
ADTRG pin input.
Other than above: Setting prohibited
5
4
SCANE
SCANS
0
0
R/W
R/W
Scan Mode
Select the operation mode of A/D conversion
0x: Single mode
10: Scan mode
(consecutive A/D conversion of channels 1 to 4)
11: Scan mode
(consecutive A/D conversion of channels 1 to 8)
3
2
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
Set the A/D conversion time. Setting should be made
while the conversion is stopped (ADST = 0).
00: Setting prohibited
01: Conversion time = 80 states (max) (20 MHz or less)
10: Conversion time = 160 states (max)
11: Conversion time = 320 states (max)
1
ADSTCLR
0
R/W
A/D Start Clear
Sets automatic clearing of the ADST bit in scan mode.
0: Disables automatic clearing of ADST in scan mode.
1: ADST is automatically cleared when A/D conversion for
all the selected channels has been completed in scan
mode.
[Legend]
x: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com