công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 946 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 946 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 942Page - Renesas Technology Corp H8S/2472 Datasheet HTML 943Page - Renesas Technology Corp H8S/2472 Datasheet HTML 944Page - Renesas Technology Corp H8S/2472 Datasheet HTML 945Page - Renesas Technology Corp H8S/2472 Datasheet HTML 946Page - Renesas Technology Corp H8S/2472 Datasheet HTML 947Page - Renesas Technology Corp H8S/2472 Datasheet HTML 948Page - Renesas Technology Corp H8S/2472 Datasheet HTML 949Page - Renesas Technology Corp H8S/2472 Datasheet HTML 950Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 946 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 898 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
ADST
0
R/W
A/D Start
Clearing this bit to 0 stops A/D conversion and enters the idle
state. Setting this bit to 1 starts A/D conversion. In single
mode, this bit is cleared to 0 automatically when conversion
on the specified channel ends. In scan mode, conversion
continues sequentially on the specified channels until this bit
is cleared to 0 by software, a reset, or a transition to the
hardware standby mode.
4
0
R
Reserved
This is a read-only bit and cannot be modified.
3
0
R/W
Reserved
This bit is always read as 0. The initial value should not be
changed.
Channel Select 2 to 0
Select analog input channels together with the SCANE bit
and the SCANS bit of ADCR.
2
1
0
CH2
CH1
CH0
All 0
R/W
When SCANE = 0,
and SCANS = x
000: AN0
001: AN1
010: AN2
011: AN3
100: AN4
101: AN5
110: AN6
111: AN7
When SCANE = 1
and SCANS = 0
000: AN0
001: AN0 and AN1
010: AN0 to AN2
011: AN0 to AN3
100: AN4
101: AN4 and AN5
110: AN4 to AN6
111: AN4 to AN7
When SCANE = 1
and SCANS = 1
000: AN0
001: AN1 and AN1
010: AN0 to AN2
011: AN0 to AN3
100: AN0 to AN4
101: AN0 to AN5
110: AN0 to AN6
111: AN0 to AN7
Note:
*
Only 0 can be written to clear the flag.
[Legend]
x: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com