công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 948 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 948 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 944Page - Renesas Technology Corp H8S/2472 Datasheet HTML 945Page - Renesas Technology Corp H8S/2472 Datasheet HTML 946Page - Renesas Technology Corp H8S/2472 Datasheet HTML 947Page - Renesas Technology Corp H8S/2472 Datasheet HTML 948Page - Renesas Technology Corp H8S/2472 Datasheet HTML 949Page - Renesas Technology Corp H8S/2472 Datasheet HTML 950Page - Renesas Technology Corp H8S/2472 Datasheet HTML 951Page - Renesas Technology Corp H8S/2472 Datasheet HTML 952Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 900 of 1198
REJ09B0403-0200
23.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes: single mode and scan mode. When changing the operating mode or analog input
channel, to prevent incorrect operation, first clear the ADST bit to 0 in ADCSR to halt A/D
conversion. The ADST bit can be set to 1 at the same time as the operating mode or analog input
channel is changed.
23.4.1
Single Mode
In single mode, A/D conversion is performed only once on the specified single channel.
Operations are as follows.
1. A/D conversion on the specified channel is started when the ADST bit in ADCSR is set to 1,
by software or by the input of trigger signal.
2. When A/D conversion is completed, the result is transferred to the A/D data register
corresponding to the channel.
3. On completion of A/D conversion, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to
1 at this time, an ADI interrupt request is generated.
4. The ADST bit remains set to 1 during A/D conversion. When conversion ends, the ADST bit
is automatically cleared to 0, and the A/D converter enters the idle state. If the ADST bit is
cleared during A/D conversion, the A/D converter stops conversion and enters the idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com