công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 928 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 928 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 924Page - Renesas Technology Corp H8S/2472 Datasheet HTML 925Page - Renesas Technology Corp H8S/2472 Datasheet HTML 926Page - Renesas Technology Corp H8S/2472 Datasheet HTML 927Page - Renesas Technology Corp H8S/2472 Datasheet HTML 928Page - Renesas Technology Corp H8S/2472 Datasheet HTML 929Page - Renesas Technology Corp H8S/2472 Datasheet HTML 930Page - Renesas Technology Corp H8S/2472 Datasheet HTML 931Page - Renesas Technology Corp H8S/2472 Datasheet HTML 932Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 928 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 880 of 1198
REJ09B0403-0200
22.6
Processing of USB Standard Commands and Class/Vendor
Commands
22.6.1
Processing of Commands Transmitted by Control Transfer
A command transmitted from the host by control transfer may require decoding and execution of
command processing on the application side. Whether command decoding is required on the
application side is indicated in table 22.7 below.
Table 22.7
Command Decoding on Application Side
Decoding not Necessary on Application Side
Decoding Necessary on Application Side
Clear Feature
Get Configuration
Get Interface
Get Status
Set Address
Set Configuration
Set Feature
Set Interface
Get Descriptor
Class/Vendor command
Set Descriptor
Sync Frame
If decoding is not necessary on the application side, command decoding and data stage and status
stage processing are performed automatically. No processing is necessary by the user. An interrupt
is not generated in this case.
If decoding is necessary on the application side, this module stores the command in the EP0s
FIFO. After reception is completed successfully, the IFR0/SETUP TS flag is set and an interrupt
request is generated. In the interrupt routine, eight bytes of data must be read from the EP0s data
register (EPDR0s) and decoded by firmware. The necessary data stage and status stage processing
should then be carried out according to the result of the decoding operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com