công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 932 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 932 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 928Page - Renesas Technology Corp H8S/2472 Datasheet HTML 929Page - Renesas Technology Corp H8S/2472 Datasheet HTML 930Page - Renesas Technology Corp H8S/2472 Datasheet HTML 931Page - Renesas Technology Corp H8S/2472 Datasheet HTML 932Page - Renesas Technology Corp H8S/2472 Datasheet HTML 933Page - Renesas Technology Corp H8S/2472 Datasheet HTML 934Page - Renesas Technology Corp H8S/2472 Datasheet HTML 935Page - Renesas Technology Corp H8S/2472 Datasheet HTML 936Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 932 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 884 of 1198
REJ09B0403-0200
22.8
DTC Transfer
22.8.1
Overview
DTC transfer can be performed for endpoints 1 and 2 in this module. Note that longword data
cannot be transferred.
When endpoint 1 holds at least one byte of valid receive data, a DTC request for endpoint 1 is
generated. When endpoint 2 holds no valid data, a DTC request for endpoint 2 is generated.
If the DTC transfer is enabled by setting the EP1DMAE bit in the DTC transfer setting register to
1, zero-length data reception at endpoint 1 is ignored. When the DTC transfer is enabled, the
RDFN bit for EP1 and PKTE bit for EP2 do not need to be set to 1 in TRG (note that the PKTE bit
must be set to 1 when the transfer data is less than the maximum number of bytes). When all the
data received at EP1 is read, the FIFO automatically enters the EMPTY state. When the maximum
number of bytes (64 bytes) are written to the EP2 FIFO, the FIFO automatically enters the FULL
state, and the data in the FIFO can be transmitted (see figures 22.20 and 22.21). Since the request
for a DTC transfer end interrupt is not automatically cleared, it should be cleared within the
interrupt processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com