công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 924 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 924 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 920Page - Renesas Technology Corp H8S/2472 Datasheet HTML 921Page - Renesas Technology Corp H8S/2472 Datasheet HTML 922Page - Renesas Technology Corp H8S/2472 Datasheet HTML 923Page - Renesas Technology Corp H8S/2472 Datasheet HTML 924Page - Renesas Technology Corp H8S/2472 Datasheet HTML 925Page - Renesas Technology Corp H8S/2472 Datasheet HTML 926Page - Renesas Technology Corp H8S/2472 Datasheet HTML 927Page - Renesas Technology Corp H8S/2472 Datasheet HTML 928Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 924 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 876 of 1198
REJ09B0403-0200
22.5.5
EP1 Bulk-Out Transfer (Dual FIFOs)
Either of EP1
FIFOs empty?
Yes
No
FIFO FULL processing
Read EP1 receive
data size register (EPSZ1)
Read EP1 data
register (EPDR1)
USB function
NAK
ACK
OUT token reception
Data reception from host
Set EP1 FIFO full status
(IFR0.EP1 FULL = 1)
Interrupt request
Application
Set EP1 read complete bit
(TRG.EP1 RDFN = 1)
Clear EP1 FIFO full status
(IFR0.EP1 FULL = 0)
Resume
Figure 22.15 EP1 Bulk-Out Transfer Operation
EP1 has two 64-byte FIFOs, but the user can receive data and read receive data without being
aware of this dual-FIFO configuration.
When one FIFO is full after reception is completed, the EP1FULL bit in IFR0 is set. After the first
receive operation into one of the FIFOs when both FIFOs are empty, the other FIFO is empty, and
so the next packet can be received immediately. When both FIFOs are full, NAK is returned to the
host automatically. When reading of the receive data is completed following data reception, 1 is
written to the EP1RDFN bit in TRG and 0 is written to the EP1FULL bit in IFR0. This operation
empties the FIFO that has just been read, and makes it ready to receive the next packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com