công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 921 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 921 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 917Page - Renesas Technology Corp H8S/2472 Datasheet HTML 918Page - Renesas Technology Corp H8S/2472 Datasheet HTML 919Page - Renesas Technology Corp H8S/2472 Datasheet HTML 920Page - Renesas Technology Corp H8S/2472 Datasheet HTML 921Page - Renesas Technology Corp H8S/2472 Datasheet HTML 922Page - Renesas Technology Corp H8S/2472 Datasheet HTML 923Page - Renesas Technology Corp H8S/2472 Datasheet HTML 924Page - Renesas Technology Corp H8S/2472 Datasheet HTML 925Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 921 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 873 of 1198
REJ09B0403-0200
(3)
Data Stage (Control-Out)
USB function
Application
OUT token reception
Data reception from host
OUT token reception
Set EP0o reception
complete flag
(IFR0.EP0o TS = 1)
Clear EP0o reception
complete flag
(IFR0.EP0o TS = 0)
Read data from EP0o
receive data size register
(EPSZ0o)
Write 1 to EP0o read
complete bit
(TRG.EP0o RDFN = 1)
Read data from EP0o
data register (EPDR0o)
1 written
to TRG.EP0s
RDFN?
1 written
to TRG.EP0o
RDFN?
NAK
NAK
ACK
No
Yes
No
Yes
Interrupt request
Figure 22.12 Data Stage (Control-Out) Operation
The application first analyzes command data from the host in the setup stage, and determines the
subsequent data stage direction. If the result of command data analysis is that the data stage is out-
transfer, the application waits for data from the host, and after data is received (EP0oTS bit in
IFR0 = 1), reads data from the FIFO. Next, the application writes 1 to the EP0o read complete bit,
empties the receive FIFO, and waits for reception of the next data.
The end of the data stage is identified when the host transmits an IN token and the status stage is
entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com