công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 919 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 919 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 915Page - Renesas Technology Corp H8S/2472 Datasheet HTML 916Page - Renesas Technology Corp H8S/2472 Datasheet HTML 917Page - Renesas Technology Corp H8S/2472 Datasheet HTML 918Page - Renesas Technology Corp H8S/2472 Datasheet HTML 919Page - Renesas Technology Corp H8S/2472 Datasheet HTML 920Page - Renesas Technology Corp H8S/2472 Datasheet HTML 921Page - Renesas Technology Corp H8S/2472 Datasheet HTML 922Page - Renesas Technology Corp H8S/2472 Datasheet HTML 923Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 919 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 871 of 1198
REJ09B0403-0200
(1)
Setup Stage
USB function
Application
SETUP token reception
Receive 8-byte command
data in EP0s
To data stage
Set setup command
reception complete flag
(IFR0.SETUP TS = 1)
Automatic
processing by
this module
Clear SETUP TS flag
(IFR0.SETUP TS = 0)
Clear EP0i FIFO (FCLR.EP0iCLR = 1)
Clear EP0o FIFO (FCLR.EP0oCLR = 1)
Read 8-byte data from EP0s
Decode command data
Determine data stage direction*1
Write 1 to EP0s read complete bit
(TRG.EP0s RDFN = 1)
To control-in
data stage
To control-out
data stage
Command
to be processed by
application?
Interrupt request
Yes
No
Notes: 1. In the setup stage, the application analyzes command data from the host requiring processing by
the application, and determines the subsequent processing (for example, data stage direction, etc.).
2. When the transfer direction is control-out, the EP0i transfer request interrupt required in the status
stage should be enabled here. When the transfer direction is control-in, this interrupt is not required
and should be disabled.
*2
Figure 22.10 Setup Stage Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com