công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 915 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 915 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 911Page - Renesas Technology Corp H8S/2472 Datasheet HTML 912Page - Renesas Technology Corp H8S/2472 Datasheet HTML 913Page - Renesas Technology Corp H8S/2472 Datasheet HTML 914Page - Renesas Technology Corp H8S/2472 Datasheet HTML 915Page - Renesas Technology Corp H8S/2472 Datasheet HTML 916Page - Renesas Technology Corp H8S/2472 Datasheet HTML 917Page - Renesas Technology Corp H8S/2472 Datasheet HTML 918Page - Renesas Technology Corp H8S/2472 Datasheet HTML 919Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 915 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 867 of 1198
REJ09B0403-0200
(3)
Transition from Suspend State to Software Standby Mode and Canceling Software
Standby Mode
When the USB bus enters from the suspend state to software standby mode, processing should
proceed as shown below. When canceling software standby mode, ensure enough time for the
system clock oscillation to be settled.
Transition from suspend state to
software standby mode
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Detect that USB bus is in suspend state
Set SURSF in IFR2 to 1
USBINTN interrupt
Clear SURSF in IFR2 to 0
Check if SURSS in IFR2 is set to 1
Clear SURSF in IER2 to 0
Set SSRSME in IER2 to 1
Shift to software standby mode
(execute SLEEP instruction)
Stop all clocks of LSI
Canceling software standby mode
Detect that USB bus is in resume state
RESUME interrupt
Cancel software standby mode
Wait for system clock oscillation to be settled
Clear SURSF in IFR2 to 0
Check if SURSS in IFR2 is cleared to 0
Set SURSF in IER2 to 1
Clear SSRSME in IER2 to 0
USB communications can be resumed
through USB registers
Denotation of figures
: Operation by firmware setting
: Automatic operation by LSI hardware
(8)
(9)
(10)
(11)
(12)
Figure 22.6 Flow of Transition to and Canceling Software Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com