công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 926 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 926 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 922Page - Renesas Technology Corp H8S/2472 Datasheet HTML 923Page - Renesas Technology Corp H8S/2472 Datasheet HTML 924Page - Renesas Technology Corp H8S/2472 Datasheet HTML 925Page - Renesas Technology Corp H8S/2472 Datasheet HTML 926Page - Renesas Technology Corp H8S/2472 Datasheet HTML 927Page - Renesas Technology Corp H8S/2472 Datasheet HTML 928Page - Renesas Technology Corp H8S/2472 Datasheet HTML 929Page - Renesas Technology Corp H8S/2472 Datasheet HTML 930Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 926 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 878 of 1198
REJ09B0403-0200
When performing bulk-in transfer, as there is no valid data in the FIFOs on reception of the first
IN token, an EP2TR bit interrupt in IFR0 is requested. With this interrupt, 1 is written to the
EP2EMPTY bit in IER0, and the EP2 FIFO empty interrupt is enabled. At first, both EP2 FIFOs
are empty, and so an EP2 FIFO empty interrupt is generated immediately.
The data to be transmitted is written to the data register using this interrupt. After the first transmit
data write for one FIFO, the other FIFO is empty, and so the next transmit data can be written to
the other FIFO immediately. When both FIFOs are full, EP2 EMPTY is cleared to 0. If at least one
FIFO is empty, the EP2EMPTY bit in IFR0 is set to 1. When ACK is returned from the host after
data transmission is completed, the FIFO used in the data transmission becomes empty. If the
other FIFO contains valid transmit data at this time, transmission can be continued.
When transmission of all data has been completed, write 0 to the EP2EMPTY bit in IER0 and
disable interrupt requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com