công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 873 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 873 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 869Page - Renesas Technology Corp H8S/2472 Datasheet HTML 870Page - Renesas Technology Corp H8S/2472 Datasheet HTML 871Page - Renesas Technology Corp H8S/2472 Datasheet HTML 872Page - Renesas Technology Corp H8S/2472 Datasheet HTML 873Page - Renesas Technology Corp H8S/2472 Datasheet HTML 874Page - Renesas Technology Corp H8S/2472 Datasheet HTML 875Page - Renesas Technology Corp H8S/2472 Datasheet HTML 876Page - Renesas Technology Corp H8S/2472 Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 825 of 1198
REJ09B0403-0200
21.3.2
Transmission
When the transmit function is enabled and the transmit request bit (TR) is set in the E-DMAC
transmit request register (EDTRR), the E-DMAC reads the descriptor used last time from the
transmit descriptor list (in the initial state, the descriptor indicated by the transmission descriptor
start address register (TDLAR)). If the setting of the TACT bit in the read descriptor is active, the
E-DMAC reads transmit frame data sequentially from the transmit buffer start address specified
by TD2, and transfers it to the EtherC. The EtherC creates a transmit frame and starts transmission
to the MII. After DMA transfer of data equivalent to the buffer length specified in the descriptor,
the following processing is carried out according to the TFP value.
1. TFP
= 00 or 01 (frame continuation):
Descriptor write-back is performed after DMA transfer.
2. TFP
= 01 or 11 (frame end):
Descriptor write-back is performed after completion of frame transmission.
The E-DMAC continues reading descriptors and transmitting frames as long as the setting of the
TACT bit in the read descriptors is "active." When a descriptor with an "inactive" TACT bit is
read, the E-DMAC resets the transmit request bit (TR) in the transmit register and ends transmit
processing (EDTRR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com