công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 869 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 869 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 865Page - Renesas Technology Corp H8S/2472 Datasheet HTML 866Page - Renesas Technology Corp H8S/2472 Datasheet HTML 867Page - Renesas Technology Corp H8S/2472 Datasheet HTML 868Page - Renesas Technology Corp H8S/2472 Datasheet HTML 869Page - Renesas Technology Corp H8S/2472 Datasheet HTML 870Page - Renesas Technology Corp H8S/2472 Datasheet HTML 871Page - Renesas Technology Corp H8S/2472 Datasheet HTML 872Page - Renesas Technology Corp H8S/2472 Datasheet HTML 873Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 869 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 821 of 1198
REJ09B0403-0200
(a)
Receive Descriptor 0 (RD0)
RD0 indicates the receive frame status. The CPU and E-DMAC use RD0 to report the frame
receive status.
Bit
Bit Name
Initial
value
R/W
Description
31
RACT
0
R/W
Receive Descriptor Active
Indicates that this descriptor is active. The E-DMAC
resets this bit after receive data has been transferred
to the receive buffer. On completion of receive frame
processing, the CPU sets this bit to prepare for
reception.
0: The receive descriptor is invalid.
Indicates that the receive buffer is not ready
(access disabled by E-DMAC), or this bit has been
reset by a write-back operation on termination of
E-DMAC frame transfer processing (completion or
suspension of reception).
If this state is recognized in an E-DMAC descriptor
read, the E-DMAC terminates receive processing
and receive operations cannot be continued.
Reception can be restarted by setting RACT to 1
and executing receive initiation.
1: The receive descriptor is valid
Indicates that the receive buffer is ready (access
enabled) and processing for frame transfer from
the FIFO has not been executed, or that frame
transfer is in progress.
When this state is recognized in an E-DMAC
descriptor read, the E-DMAC continues with the
receive operation.
30
RDLE
0
R/W
Receive Descriptor List Last
After completion of the corresponding buffer transfer,
the E-DMAC references the first receive descriptor.
This specification is used to set a ring configuration
for the receive descriptors.
0: This is not the last receive descriptor list
1: This is the last receive descriptor list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com