công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 865 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 865 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 861Page - Renesas Technology Corp H8S/2472 Datasheet HTML 862Page - Renesas Technology Corp H8S/2472 Datasheet HTML 863Page - Renesas Technology Corp H8S/2472 Datasheet HTML 864Page - Renesas Technology Corp H8S/2472 Datasheet HTML 865Page - Renesas Technology Corp H8S/2472 Datasheet HTML 866Page - Renesas Technology Corp H8S/2472 Datasheet HTML 867Page - Renesas Technology Corp H8S/2472 Datasheet HTML 868Page - Renesas Technology Corp H8S/2472 Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 817 of 1198
REJ09B0403-0200
(a)
Transmit Descriptor 0 (TD0)
TD0 indicates the transmit frame status. The CPU and E-DMAC use RD0 to report the frame
transmission status.
Bit
Bit Name
Initial
value
R/W
Description
31
TACT
0
R/W
Transmit Descriptor Active
Indicates that this descriptor is active. The CPU sets
this bit after transmit data has been transferred to the
transmit buffer. The E-DMAC resets this bit on
completion of a frame transfer or when transmission
is suspended.
0: The transmit descriptor is invalid.
Indicates that valid data has not been written to
this bit by the CPU, or this bit has been reset by a
write-back operation on termination of E-DMAC
frame transfer processing (completion or
suspension of transmission)
If this state is recognized in an E-DMAC descriptor
read, the E-DMAC terminates transmit processing
and transmit operations cannot be continued (a
restart is necessary)
1: The transmit descriptor is valid.
Indicates that valid data has been written to the
transmit buffer by the CPU and frame transfer
processing has not yet been executed, or that
frame transfer is in progress
When this state is recognized in an E-DMAC
descriptor read, the E-DMAC continues with the
transmit operation
30
TDLE
0
R/W
Transmit Descriptor List End
After completion of the corresponding buffer transfer,
the E-DMAC references the first descriptor. This
specification is used to set a ring configuration for the
transmit descriptors.
0: This is not the last transmit descriptor list
1: This is the last transmit descriptor list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com