công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 872 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 872 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 868Page - Renesas Technology Corp H8S/2472 Datasheet HTML 869Page - Renesas Technology Corp H8S/2472 Datasheet HTML 870Page - Renesas Technology Corp H8S/2472 Datasheet HTML 871Page - Renesas Technology Corp H8S/2472 Datasheet HTML 872Page - Renesas Technology Corp H8S/2472 Datasheet HTML 873Page - Renesas Technology Corp H8S/2472 Datasheet HTML 874Page - Renesas Technology Corp H8S/2472 Datasheet HTML 875Page - Renesas Technology Corp H8S/2472 Datasheet HTML 876Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 872 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 824 of 1198
REJ09B0403-0200
(b)
Receive Descriptor 1 (RD1)
RD1 specifies the receive buffer length (maximum 64 kbytes).
Bit
Bit Name
Initial
value
R/W
Description
31 to 16
RBL
All 0
R/W
Receive Buffer Length
These bits specify the maximum reception byte length
in the corresponding receive buffer.
The transfer byte length must align with a 16-byte
boundary (bits 19 to 16 cleared to 0). The maximum
receive frame length with one frame per buffer is
1,514 bytes, excluding the CRC data. Therefore, for
the receive buffer length specification, a value of
1,520 bytes (H'05F0) that takes account of a 16-byte
boundary is set as the maximum receive frame
length.
15 to 0
RDL
All 0
R/W
Receive Data Length
These bits specify the data length of a receive frame
stored in the receive buffer.
The receive data transferred to the receive buffer
does not include the 4-byte CRC data at the end of
the frame. The receive frame length is reported as the
number of words (valid data bytes) not including this
CRC data.
(c)
Receive Descriptor 2 (RD2)
RD2 specifies the 32-bit receive buffer start address. The receive buffer start address must be on a
longword boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com