công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 875 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 875 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 871Page - Renesas Technology Corp H8S/2472 Datasheet HTML 872Page - Renesas Technology Corp H8S/2472 Datasheet HTML 873Page - Renesas Technology Corp H8S/2472 Datasheet HTML 874Page - Renesas Technology Corp H8S/2472 Datasheet HTML 875Page - Renesas Technology Corp H8S/2472 Datasheet HTML 876Page - Renesas Technology Corp H8S/2472 Datasheet HTML 877Page - Renesas Technology Corp H8S/2472 Datasheet HTML 878Page - Renesas Technology Corp H8S/2472 Datasheet HTML 879Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 827 of 1198
REJ09B0403-0200
21.3.3
Reception
When the receive function is enabled and the CPU sets the receive request bit (RR) in the E-
DMAC receive request register (EDRRR), the E-DMAC reads the descriptor following the
previously used one from the receive descriptor list (in the initial state, the descriptor indicated by
the transmission descriptor start address register (TDLAR)), and then enters the receive-standby
state. If the setting of the RACT bit is "active" and an own-address frame is received, the E-
DMAC transfers the frame to the receive buffer specified by RD2. If the data length of the
received frame is greater than the buffer length given by RD1, the E-DMAC performs write-back
to the descriptor when the buffer is full (RFP = 10 or 00), then reads the next descriptor. The E-
DMAC then continues to transfer data to the receive buffer specified by the new RD2. When
frame reception is completed, or if frame reception is suspended because of a certain kind of error,
the E-DMAC performs write-back to the relevant descriptor (RFP = 11 or 01), and then ends the
receive processing. The E-DMAC then reads the next descriptor and enters the receive-standby
state again.
To receive frames continuously, the receive enable control bit (RNC) must be set to 1 in the
receive control register (RCR). After initialization, this bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com