công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 858 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 858 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 854Page - Renesas Technology Corp H8S/2472 Datasheet HTML 855Page - Renesas Technology Corp H8S/2472 Datasheet HTML 856Page - Renesas Technology Corp H8S/2472 Datasheet HTML 857Page - Renesas Technology Corp H8S/2472 Datasheet HTML 858Page - Renesas Technology Corp H8S/2472 Datasheet HTML 859Page - Renesas Technology Corp H8S/2472 Datasheet HTML 860Page - Renesas Technology Corp H8S/2472 Datasheet HTML 861Page - Renesas Technology Corp H8S/2472 Datasheet HTML 862Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 858 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 810 of 1198
REJ09B0403-0200
21.2.12
Receiving method Control Register (RMCR)
RMCR is a 32-bit readable/writable register that specifies the control method for the RR bit in
EDRRR when a frame is received. This register must be set during the receiving-halt state.
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
0
RNC
0
R/W
Receive Enable Control
0: When reception of one frame is completed, the E-
DMAC writes the receive status into the descriptor
and clears the RR bit in EDRRR
1: When reception of one frame is completed, the E-
DMAC writes the receive status into the descriptor,
reads the next descriptor, and prepares to receive
the next frame
21.2.13
Receiving-Buffer Write Address Register (RBWAR)
RBWAR stores the address of data to be written in the receiving buffer when the E-DMAC writes
data to the receiving buffer. Which addresses in the receiving buffer are processed by the E-
DMAC can be recognized by monitoring addresses displayed in this register. The address that the
E-DMAC is actually processing may be different from the value read from this register.
Bit
Bit Name
Initial
value
R/W
Description
31 to 0
RBWA31 to
RBWA0
All 0
R
Receiving-Buffer Write Address
These bits can only be read. Writing is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com