công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 860 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 860 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 856Page - Renesas Technology Corp H8S/2472 Datasheet HTML 857Page - Renesas Technology Corp H8S/2472 Datasheet HTML 858Page - Renesas Technology Corp H8S/2472 Datasheet HTML 859Page - Renesas Technology Corp H8S/2472 Datasheet HTML 860Page - Renesas Technology Corp H8S/2472 Datasheet HTML 861Page - Renesas Technology Corp H8S/2472 Datasheet HTML 862Page - Renesas Technology Corp H8S/2472 Datasheet HTML 863Page - Renesas Technology Corp H8S/2472 Datasheet HTML 864Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 812 of 1198
REJ09B0403-0200
21.2.17
Flow Control FIFO Threshold Register (FCFTR)
FCFTR is a 32-bit readable/writable register that sets the flow control of the EtherC (setting the
threshold on automatic PAUSE transmission). The threshold can be specified by the depth of the
receive FIFO data (RFD2 to RFD0) and the number of receive frames (RFF2 to RFF0). The
condition to start the flow control is decided by taking OR operation on the two thresholds.
Therefore, the flow control by the two thresholds is independently started.
When flow control is performed according to the RFD bits setting, if the setting is the same as the
depth of the receive FIFO specified by the FIFO depth register (FDR), flow control is started when
the remaining FIFO is (FIFO data depth
− 64) bytes. For instance, when RFD in FDR = 0 and
RFD in FCFTR
= 0, flow control is started when (256 − 64) bytes of data is stored in the receive
FIFO. The value set in the RFD bits in this register should be equal to or less than those in FDR.
Bit
Bit Name
Initial
value
R/W
Description
31 to 19
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
18
17
16
RFF2
RFF1
RFF0
1
1
1
R/W
R/W
R/W
Receive Frame Number Flow Control Threshold
000: When 2 receive frame has been stored in the
receive FIFO
001: When 4 receive frames have been stored in the
receive FIFO
:
:
110: When 14 receive frames have been stored in the
receive FIFO
111: When 16 receive frames have been stored in the
receive FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com