| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 859 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 859 Page - Renesas Technology Corp |
|
859 / 1250 page ![]() Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC) Rev. 2.00 Aug. 20, 2008 Page 811 of 1198 REJ09B0403-0200 21.2.14 Receiving-Descriptor Fetch Address Register (RDFAR) RDFAR stores the descriptor start address that is required when the E-DMAC fetches descriptor information from the receiving descriptor. Which receiving descriptor information is used for processing by the E-DMAC can be recognized by monitoring addresses displayed in this register. The address from which the E-DMAC is actually fetching a descriptor may be different from the value read from this register. Bit Bit Name Initial value R/W Description 31 to 0 RDFA31 to RDFA0 All 0 R Receiving-Descriptor Fetch Address These bits can only be read. Writing is prohibited. 21.2.15 Transmission-Buffer Read Address Register (TBRAR) TBRAR stores the address of the transmission buffer when the E-DMAC reads data from the transmission buffer. Which addresses in the transmission buffer are processed by the E-DMAC can be recognized by monitoring addresses displayed in this register. The address from which the E-DMAC is actually reading in the buffer may be different from the value read from this register. Bit Bit Name Initial value R/W Description 31 to 0 TBRA31 to TBRA0 All 0 R Transmission-Buffer Read Address These bits can only be read. Writing is prohibited. 21.2.16 Transmission-Descriptor Fetch Address Register (TDFAR) TDFAR stores the descriptor start address that is required when the E-DMAC fetches descriptor information from the transmission descriptor. Which transmission descriptor information is used for processing by the E-DMAC can be recognized by monitoring addresses displayed in this register. The address from which the E-DMAC is actually fetching a descriptor may be different from the value read from this register. Bit Bit Name Initial value R/W Description 31 to 0 TDFA31 to TDFA0 All 0 R Transmission-Descriptor Fetch Address These bits can only be read. Writing is prohibited. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |