công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 854 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 854 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 850Page - Renesas Technology Corp H8S/2472 Datasheet HTML 851Page - Renesas Technology Corp H8S/2472 Datasheet HTML 852Page - Renesas Technology Corp H8S/2472 Datasheet HTML 853Page - Renesas Technology Corp H8S/2472 Datasheet HTML 854Page - Renesas Technology Corp H8S/2472 Datasheet HTML 855Page - Renesas Technology Corp H8S/2472 Datasheet HTML 856Page - Renesas Technology Corp H8S/2472 Datasheet HTML 857Page - Renesas Technology Corp H8S/2472 Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1250 page
background image
Section 21 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Aug. 20, 2008 Page 806 of 1198
REJ09B0403-0200
21.2.8
Transmit/Receive Status Copy Enable Register (TRSCER)
TRSCER specifies whether or not receive status information reported by bits 7 and 4 in the
EtherC/E-DMAC status register is to be indicated in bit RFE in the corresponding descriptor. Bits
in this register correspond to bits 7 and 4 in the EtherC/E-DMAC status register (EESR). When a
bit is cleared to 0, the receive status (bits 7 and 4 in EESR) is indicated in bit RFE of the receive
descriptor. When a bit is set to 1, the occurrence of the corresponding interrupt is not indicated in
the descriptor. After this LSI is reset, all bits are cleared to 0.
Bit
Bit Name
Initial
value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
7
RMAFCE
0
R/W
RMAF Bit Copy Directive
0: Indicates the RMAF bit state in bit RFE of the
receive descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFE of the receive descriptor
6, 5
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
4
RRFCE
0
R/W
RRF Bit Copy Directive
0: Indicates the RRF bit state in bit RFE of the receive
descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit RFE of the receive descriptor
3 to 0
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
21.2.9
Receive Missed-Frame Counter Register (RMFCR)
RMFCR is a 16-bit counter that indicates the number of frames missed (discarded, and not
transferred to the receive buffer) during reception. When the receive FIFO overflows, the receive
frames in the FIFO are discarded. The number of frames discarded at this time is counted. When
the value in this register reaches H'FFFF, counting-up is halted. When this register is read, the
counter value is cleared to 0. Write operations to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com