công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 665 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 665 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 661Page - Renesas Technology Corp H8S/2472 Datasheet HTML 662Page - Renesas Technology Corp H8S/2472 Datasheet HTML 663Page - Renesas Technology Corp H8S/2472 Datasheet HTML 664Page - Renesas Technology Corp H8S/2472 Datasheet HTML 665Page - Renesas Technology Corp H8S/2472 Datasheet HTML 666Page - Renesas Technology Corp H8S/2472 Datasheet HTML 667Page - Renesas Technology Corp H8S/2472 Datasheet HTML 668Page - Renesas Technology Corp H8S/2472 Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 617 of 1198
REJ09B0403-0200
18.3.9
I
2C SMBus Control Register (ICSMBCR)
ICSMBCR is used to support the System Management Bus (SMBus) specifications. To support
the SMBus specification, SDA output data hold time should be specified in the range of 300 ns to
1000 ns. Table 18.7 shows the relationship between the ICSMBCR setting and output data hold
time.
When the SMBus is not supported, the initial value should not be changed. ICSMBCR is enabled
to access when bit MSTP4 is cleared to 0.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
SMB5E
SMB4E
SMB3E
SMB2E
SMB1E
SMB0E
0
0
0
0
0
00
R/W
R/W
R/W
R/W
R/W
R/W
SMBus Enable
These bits enable/disable to support the SMBus, in
combination with bits FSEL1 and FSEL0. Bits SMB5E,
SMB4E, SMB3E, SMB2E, SMB1E, and SMB0E control
IIC_5, IIC_4, IIC_3, IIC_2, IIC_1, and IIC_0, respectively.
0: Disables to support the SMBus
1: Enables to support the SMBus
1
0
FSEL1
FSEL0
0
0
R/W
R/W
Frequency Selection
These bits must be specified to match the system clock
frequency in order to support the SMBus. For details of the
setting, see table 18.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com