công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 661 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 661 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 657Page - Renesas Technology Corp H8S/2472 Datasheet HTML 658Page - Renesas Technology Corp H8S/2472 Datasheet HTML 659Page - Renesas Technology Corp H8S/2472 Datasheet HTML 660Page - Renesas Technology Corp H8S/2472 Datasheet HTML 661Page - Renesas Technology Corp H8S/2472 Datasheet HTML 662Page - Renesas Technology Corp H8S/2472 Datasheet HTML 663Page - Renesas Technology Corp H8S/2472 Datasheet HTML 664Page - Renesas Technology Corp H8S/2472 Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 613 of 1198
REJ09B0403-0200
18.3.8
I
2C Bus Extended Control Register (ICXR)
ICXR enables or disables the I
2C bus interface interrupt generation and continuous receive
operation, and indicates the status of receive/transmit operations.
Bit
Bit Name
Initial
Value
R/W
Description
7
STOPIM
0
R/W
Stop Condition Interrupt Source Mask
Enables or disables the interrupt generation when the
stop condition is detected in slave mode.
0: Enables IRIC flag setting and interrupt generation when
the stop condition is detected (STOP = 1 or ESTP = 1)
in slave mode.
1: Disables IRIC flag setting and interrupt generation
when the stop condition is detected.
6
HNDS
0
R/W
Handshake Receive Operation Select
Enables or disables continuous receive operation in
receive mode.
0: Enables continuous receive operation
1: Disables continuous receive operation
When the HNDS bit is cleared to 0, receive operation is
performed continuously after data has been received
successfully while ICDRF flag is 0.
When the HNDS bit is set to 1, SCL is fixed to the low
level after data has been received successfully while
ICDRF flag is 0; thus disabling the next data to be
transferred. The bus line is released and next receive
operation is enabled by reading the receive data in ICDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com