công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 663 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 663 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 659Page - Renesas Technology Corp H8S/2472 Datasheet HTML 660Page - Renesas Technology Corp H8S/2472 Datasheet HTML 661Page - Renesas Technology Corp H8S/2472 Datasheet HTML 662Page - Renesas Technology Corp H8S/2472 Datasheet HTML 663Page - Renesas Technology Corp H8S/2472 Datasheet HTML 664Page - Renesas Technology Corp H8S/2472 Datasheet HTML 665Page - Renesas Technology Corp H8S/2472 Datasheet HTML 666Page - Renesas Technology Corp H8S/2472 Datasheet HTML 667Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 615 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
ICDRE
0
R
Transmit Data Write Request Flag
Indicates the ICDR (ICDRT) status in transmit mode.
0: Indicates that the data has been already written to ICDR
(ICDRT) or ICDR is initialized.
1: Indicates that data has been transferred from ICDRT to
ICDRS and is being transmitted, or the start condition
has been detected or transmission has been completed,
thus allowing the next data to be written to.
[Setting conditions]
• When the start condition is detected from the bus line
state in I
2C bus format or serial format.
• When data is transferred from ICDRT to ICDRS.
1. When data is transmitted completely while ICDRE
= 0 (at the rise of the 9th clock pulse).
2. When data is written to ICDR completely in transmit
mode after data was transmitted while ICDRE = 1.
[Clearing conditions]
• When data is written to ICDR (ICDRT).
• When the stop condition is detected in I2C bus format
or serial format.
• When 0 is written to the ICE bit.
Note that if the ACKE bit is set to 1 in I
2C bus format thus
enabling acknowledge bit decision, ICDRE is not set when
data is transmitted completely while the acknowledge bit is
1.
When ICDRE is set due to the condition (2) above, ICDRE
is temporarily cleared to 0 when data is written to ICDR
(ICDRT); however, since data is transferred from ICDRT to
ICDRS immediately, ICDRF is set to 1 again. Do not write
data to ICDR when TRS = 0 because the ICDRE flag
value is invalid during the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com