công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 667 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 667 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 663Page - Renesas Technology Corp H8S/2472 Datasheet HTML 664Page - Renesas Technology Corp H8S/2472 Datasheet HTML 665Page - Renesas Technology Corp H8S/2472 Datasheet HTML 666Page - Renesas Technology Corp H8S/2472 Datasheet HTML 667Page - Renesas Technology Corp H8S/2472 Datasheet HTML 668Page - Renesas Technology Corp H8S/2472 Datasheet HTML 669Page - Renesas Technology Corp H8S/2472 Datasheet HTML 670Page - Renesas Technology Corp H8S/2472 Datasheet HTML 671Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 619 of 1198
REJ09B0403-0200
18.4
Operation
18.4.1
I
2C Bus Data Format
The I
2C bus interface has an I2C bus format and a serial format.
The I
2C bus formats are addressing formats with an acknowledge bit. These are shown in figures
18.3 (a) and (b). The first frame following a start condition always consists of 9 bits.
The serial format is a non-addressing format with no acknowledge bit. This is shown in figure
18.4.
Figure 18.5 shows the I
2C bus timing.
The symbols used in figures 18.3 to 18.5 are explained in table 18.8.
SA
SLA
7n
R/
W
DATA
A
1
1m
11
1
A/
A
1
P
1
Transfer bit count
(n = 1 to 8)
Transfer frame count
(m = from 1)
S
SLA
7n1
7
R/
W
ADATA
11
1m1
1
A/
A
1
S
1
SLA
R/
W
1
1m2
A
1
DATA
n2
A/
A
1
P
1
(a) FS = 0 or FSX = 0
(b) Start condition retransmission FS = 0 or FSX = 0
Upper row: Transfer bit count (n1, n2 = 1 to 8)
Lower row: Transfer frame count (m1, m2 = from 1)
Figure 18.3 I
2C Bus Data Formats (I2C Bus Formats)
S
DATA
8n
DATA
1
1m
P
1
FS=1 and FSX=1
Transfer bit count
(n = 1 to 8)
Transfer frame count
(m = from 1)
Figure 18.4 I
2C Bus Data Formats (Serial Formats)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com