công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 658 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 658 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 654Page - Renesas Technology Corp H8S/2472 Datasheet HTML 655Page - Renesas Technology Corp H8S/2472 Datasheet HTML 656Page - Renesas Technology Corp H8S/2472 Datasheet HTML 657Page - Renesas Technology Corp H8S/2472 Datasheet HTML 658Page - Renesas Technology Corp H8S/2472 Datasheet HTML 659Page - Renesas Technology Corp H8S/2472 Datasheet HTML 660Page - Renesas Technology Corp H8S/2472 Datasheet HTML 661Page - Renesas Technology Corp H8S/2472 Datasheet HTML 662Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 610 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
AASX
0
R/(W)* Second Slave Address Recognition Flag
In I
2C bus format slave receive mode, this flag is set to 1 if
the first frame following a start condition matches bits
SVAX6 to SVAX0 in SARX.
[Setting condition]
When the second slave address is detected in slave
receive mode and FSX = 0 in SARX
[Clearing conditions]
• When 0 is written in AASX after reading AASX = 1
• When a start condition is detected
• In master mode
3
AL
0
R/(W)* Arbitration Lost Flag
Indicates that arbitration was lost in master mode.
[Setting conditions]
When ALSL=0
• If the internal SDA and SDA pin disagree at the rise of
SCL in master transmit mode
• If the internal SCL line is high at the fall of SCL in
master mode
When ALSL=1
• If the internal SDA and SDA pin disagree at the rise of
SCL in master transmit mode
• If the SDA pin is driven low by another device before
the I
2C bus interface drives the SDA pin low, after the
start condition instruction was executed in master
transmit mode
[Clearing conditions]
• When ICDR is written to (transmit mode) or read from
(receive mode)
• When 0 is written in AL after reading AL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com