công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 559 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 559 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 555Page - Renesas Technology Corp H8S/2472 Datasheet HTML 556Page - Renesas Technology Corp H8S/2472 Datasheet HTML 557Page - Renesas Technology Corp H8S/2472 Datasheet HTML 558Page - Renesas Technology Corp H8S/2472 Datasheet HTML 559Page - Renesas Technology Corp H8S/2472 Datasheet HTML 560Page - Renesas Technology Corp H8S/2472 Datasheet HTML 561Page - Renesas Technology Corp H8S/2472 Datasheet HTML 562Page - Renesas Technology Corp H8S/2472 Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 511 of 1198
REJ09B0403-0200
15.3.1
Receive Shift Register (FRSR)
FRSR is a register that receives data and converts serial data input from the RxDF pin to parallel
data. It stores the data in the order received from the LSB (bit 0). When one frame of serial data
has been received, the data is transferred to FRBR.
FRSR cannot be read from the CPU/LPC interface.
15.3.2
Receive Buffer Register (FRBR)
FRBR is an 8-bit read-only register that stores received serial data. It can read data correctly when
the DR bit in FLSR is set.
When the FIFO is disabled, the data in FRBR must be read before the next data is received. If new
data is received before the remaining data is read, the data is overwritten, resulting in an overrun
error.
When this register is read with the FIFO enabled, the first buffer of the receive FIFO is read.
When the receive FIFO becomes full, the subsequent receive data is lost, resulting in an overrun
error.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R
Stores received serial data.
The data is 16 bytes when the FIFO is enabled.
15.3.3
Transmitter Shift Register (FTSR)
FTSR is a register that converts parallel data from the TxDF pin to serial data and then transmits
the serial data. When one frame transmission of serial data is completed, the next data is
transferred from FTHR. The serial data is transmitted from the LSB (bit 0).
FTSR cannot be written from the H8S CPU/LPC interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com